Part Number Hot Search : 
P722M 48CTQ06 MN1511 SAA7115 1N5927A 18633857 TA4008F TA4008F
Product Description
Full Text Search
 

To Download MSM27C401CZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  Semiconductor
MSM27C401CZ
524,288-Word x 8-Bit One Time PROM
DESCRIPTION
1A
The MSM27C401CZ is a 4Mbit electrically Programmable Read-Only Memory organized as 524,288 word x 8bit. The MSM27C401CZ operates on a single +3V-5V power supply and is TTL compatible. Since the MSM27C401CZ operates asynchronously , external clocks are not required , making this device easy-to-use. The MSM27C401CZ is suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in 32-pin DIP, 32-pin SOP or 32-pin TSOP packages.
FEATURES
* 524,288 word x 8bit * Single +3V-5V power supply * Access time 150ns access time (Vcc=+3V) 120ns access time (Vcc=+3.3V) 80ns access time (Vcc=+5V) * Input / Output TTL compatible * Three-state output * Packages 32-pin plastic DIP (DIP32-P-600-2.54) 32-pin plastic SOP (SOP32-P-525-1.27-K) 32-pin plastic TSOP (TSOP I 32-P-814-0.50-K)
1
MSM27C401CZ
PIN CONFIGURATION (TOP VIEW)
Vpp 1 A16 2 A15 3 A12 4 A7 5 A6 6 A5 7 A4 8 A3 9 A2 10 A1 11 A0 12 D0 13 D1 14 D2 15 VSS 16 32-pin DIP
32 VCC 31 A18 30 A17 29 A14 28 A13 27 A8 26 A9 25 A11 24 OE 23 A10 22 CE 21 D7 20 D6 19 D5 18 D4 17 D3
Vpp 1 A16 2 A15 3 A12 4 A7 5 A6 6 A5 7 A4 8 A3 9 A2 10 A1 11 A0 12 D0 13 D1 14 D2 15 VSS 16 32-pin SOP
32 VCC 31 A18 30 A17 29 A14 28 A13 27 A8 26 A9 25 A11 24 OE 23 A10 22 CE 21 D7 20 D6 19 D5 18 D4 17 D3
A5 A7 A15 Vpp A18 A14 A11 A8 VCC A6 A12 A13 A9 A4 A16 A17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
32-pin TSOP
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 D3 D5 D7 A3 A1 D0 D2 A10 VSS D4 D6 A2 D1 OE CE A0
PIN NAMES A0 - A18 D0 - D7 CE OE VCC VSS VPP
FUNCTIONS Address input Data output Chip enable Output enable Power supply voltage GND Program Power supply voltage 2
MSM27C401CZ
BLOCK DIAGRAM
CE
OE
VPP
CE
OE
PGM
Column Decoder
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18
Row Decoder
Memory Matrix
Address Buffer
524,288X8-Bit
Multiplexer
Output Buffer
D0
D1
D2
D3
D4
D5
D6
D7
FUNCTION TABLE
MODE READ OUTPUT DISABLE STAND-BY PROGRAM PROGRAM INHIBIT PROGRAM VERIFY *: Don't Care CE L L H L H H OE L H * H H L 11.5V 6.25V VPP * VCC 2.7V to 5.5V D0 - D7 DOUT Hi-Z Hi-Z DIN Hi-Z DOUT
3
MSM27C401CZ
ABSOLUTE MAXIMUM RATINGS
Parameter Operating temperature under bias Storage temperature Input voltage Output voltage Power supply voltage Program power supply voltage Power dissipation per package Symbol Topr Tstg VI VO VCC VPP PD relative to VSS Condition Value 0 to 70 -55 to 125 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 -0.5 to 7 -0.5 to 12.5 1.0 Unit
C C
V V V V W
RECOMMENDED OPERATING CONDITIONS FOR READ
(Ta=0 to 70C) Parameter VCC power supply voltage VPP power supply voltage Input "H" level Input "L" level Voltage is relative to Vss Symbol VCC VPP VIH VIL VCC=2.7V - 5.5V Condition Min. 2.7 -0.5 2.2 -0.5 Typ. Max. 5.5 VCC+0.5 VCC+0.5 0.6 Unit V V V V
4
MSM27C401CZ
ELECTRICAL CHARACTERISTICS (Read operation)
DC Characteristics 1 (VCC=3V0.3V, Ta=0 to 70C) Parameter Input leakage current Output leakage current VCC power supply current (Standby) VCC power supply current (Read) VPP power supply current Input "H" level Input "L" level Output "H" level Output "L" level Voltage is relative to Vss Symbol ILI ILO ICS1 ICS2 ICCA IPP VIH VIL VOH VOL Condition VI=0 to Vcc VO=0 to Vcc CE=VCC CE=VIH CE=VIL , OE=VIH tc=150ns VPP=VCC IOH=-200A IOL=1mA Min. 2.0 -0.5 VCC-0.4 Typ. Max. 10 10 10 1 15 10 VCC+0.5 0.6 0.4 Unit A A A mA mA A V V V V
DC Characteristics 2 (VCC=3.3V0.3V, Ta=0 to 70C) Parameter Input leakage current Output leakage current VCC power supply current (Standby) VCC power supply current (Read) VPP power supply current Input "H" level Input "L" level Output "H" level Output "L" level Voltage is relative to Vss Symbol ILI ILO ICS1 ICS2 ICCA IPP VIH VIL VOH VOL Condition VI=0 to Vcc VO=0 to Vcc CE=VCC CE=VIH CE=VIL , OE=VIH tc=120ns VPP=VCC IOH=-200A IOL=1mA Min. 2.0 -0.5 VCC-0.4 Typ. Max. 10 10 10 1 20 10 VCC+0.5 0.6 0.4 Unit A A A mA mA A V V V V
5
MSM27C401CZ
DC Characteristics 3 (VCC=5V0.5V, Ta=0 to 70C) Parameter Input leakage current Output leakage current VCC power supply current (Standby) VCC power supply current (Read) VPP power supply current Input "H" level Input "L" level Output "H" level Output "L" level Voltage is relative to Vss Symbol ILI ILO ICS1 ICS2 ICCA IPP VIH VIL VOH VOL tc=80ns VPP=VCC IOH=-400A IOL=2.1mA Condition VI=0 to Vcc VO=0 to Vcc CE=VCC CE=VIH CE=VIL , OE=VIH Min. 2.2 -0.5 2.4 Typ. Max. 10 10 50 1 35 10 VCC+0.5 0.8 0.45 Unit A A A mA mA A V V V V
AC Characteristics 1 (VCC=3V0.3V, Ta=0 to 70C) Parameter Access cycle time Address access time CE access time OE access time Output disable time Output hold time Symbol TC TACC TCE TOE TCHZ TOHZ TOH Condition CE=OE=VIL OE=VIL CE=VIL OE=VIL CE=VIL CE=OE=VIL Min. 150 0 0 0 Max. 150 150 80 70 65 Unit ns ns ns ns ns ns ns
Measurement conditions Input signal level Input timing reference level Output load Output timing reference level
0V/3V 0.8V/2.0V 50pF 0.8V/2.0V 1.7V
400 Output 50pF
6
MSM27C401CZ
AC Characteristics 2 (VCC=3.3V0.3V, Ta=0 to 70C) Parameter Access cycle time Address access time CE access time OE access time Output disable time Output hold time Symbol TC TACC TCE TOE TCHZ TOHZ TOH Condition CE=OE=VIL OE=VIL CE=VIL OE=VIL CE=VIL CE=OE=VIL Min. 120 0 0 0 Max. 120 120 70 60 55 Unit ns ns ns ns ns ns ns
Measurement conditions Input signal level Input timing reference level Output load Output timing reference level
0V/3V 0.8V/2.0V 100pF 0.8V/2.0V
AC Characteristics 3 (VCC=5V0.5V, Ta=0 to 70C) Parameter Access cycle time Address access time CE access time OE access time Output disable time Output hold time Symbol TC TACC TCE TOE TCHZ TOHZ TOH Condition CE=OE=VIL OE=VIL CE=VIL OE=VIL CE=VIL CE=OE=VIL Min. 80 0 0 0 Max. 80 80 50 40 35 Unit ns ns ns ns ns ns ns
Measurement conditions Input signal level Input timing reference level Output load Output timing reference level
0V/3V 0.8V/2.0V 1TTL gate + 100pF 0.8V/2.0V 1.7V
400 Output 100pF
7
MSM27C401CZ
TIMING CHART (READ CYCLE)
tC A0 - A18 tCE CE tOH
tOE OE tACC D0 - D7 Hi-Z
tCHZ
tOHZ Valid Data Hi-Z
8
MSM27C401CZ
ELECTRICAL CHARACTERISTICS (Programming operation)
DC Characteristics (Ta=25C5C) Parameter Input leakage current VPP power supply current (Program) VCC power supply current Input "H" level Input "L" level Output "H" level Output "L" level Program voltage VCC power supply voltage Voltage is relative to Vss Symbol ILI IPP2 ICC VIH VIL VOH VOL VPP VCC Condition VI=VCC+0.5V CE=VIL IOH=-400A IOL=2.1mA Min. 2.2 -0.5 2.4 11.25 6.0 Typ. 11.5 6.25 Max. 10 50 80 VCC+0.5 0.8 0.45 11.75 6.5 Unit A mA mA V V V V V V
AC Characteristics (Vcc=6.25V0.25V,Vpp=11.5V0.25V,Ta=25C5C) Parameter Address set-up time OE set-up time Data set-up time Address hold time Data hold time Output float delay from OE VPP voltage set-up time Program pulse width Data valid from OE Symbol TAS TOES TDS TAH TDH TDFP TVS TPW TOE Condition Min. 2 2 2 0 2 0 2 23 Typ. 25 Max. 130 27 150 Unit s s s s s ns s s ns
9
MSM27C401CZ
Programming Waveform
A0 - A18 tAS CE tOES OE tDS tDH tDFP tPW tAH
tOE D0 - D7 tVS VPP DIN DOUT
Program
Program Verify
PIN Capacitance (VCC=5V, Ta=25C, f=1MHz) Parameter Input Output Symbol CIN COUT Condition VI=0V VO=0V Min. Typ. Max. 12 15 Unit pF
10
MSM27C401CZ
High Speed Programming Algorithm ( I ) Start
First Address VCC=6.25V VPP=11.5V
X=0
X=10 ? NO Increment Address Program 25s
YES
X=X+1
NG
Verify (One Byte) PASS
NO
Last Address ? YES VCC=5.5V VPP=5.5V
Compare All PASS VCC=2.7 (4.5V) VPP=2.7 (4.5V)
NG
Compare All PASS Device Passed
NG
Device Failed
11
MSM27C401CZ
High Speed Programming Algorithm ( II ) Start
First Address VCC=6.25V VPP=11.5V
Program 25s
Increment Address
NO Last Address ? YES First Address
X=0
Verify (One Byte) PASS NO Increment Address
NG
X=X+1
YES Last Address ? YES VCC=5.5V VPP=5.5V X=10 ? NO Program 25s
Compare All PASS VCC=2.7V (4.5V) VPP=2.7V (4.5V)
NG
Compare All PASS Device Passed
NG
Device Failed
12
Semiconductor
NOTICE
The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-todate. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not authorized for use in any system orapplication that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. No part of the contents cotained herein may be reprinted or reproduced without our prior permission. All brand, company and product names are the trademarks or registered trademarks of their respective owners.
Copyright 1998 Oki Electric Industry Co., Ltd.
ADDRESSES & SEMICONDUCTOR WEB SITES
Ltd., OKI Electric Industry Co., Ltd. Device Business Group, 10-3, Shibaura, 4-chome, Minato-ku, Tokyo 108, Japan, Tel.: +81-(0)3-5445-6327, Fax.: +81-(0)3-5445-6328, http://www.oki.co.jp/OKI/DBG/english/index.htm (NOTE: URL is case sensitive) Group, OKI Semiconductor Group 785 North Mary Avenue, Sunnyvale, CA 94086, U.S.A., Tel.: +1-408-720-1900, Fax.: +1-408-720-1918, http://www.okisemi.com/ GmbH, OKI Electric Europe GmbH Head Office Europe, Hellersbergstrasse 2, D-41460 Neuss, Germany, Tel: +49-2131-15960, Fax: +49-2131-103539, http://www.oki-europe.de/ Ltd., OKI Electronics (Hong Kong) Ltd. Suite 1901-1&19, Tower 3, China Hong Kong City, 33 Canton Road, Tsimshatsui, Kowloon, Hong Kong, Tel.: +852-2-736-2336, Fax.: +852-2-736-2395 Ltd., OKI Semiconductor (Asia) Pte. Ltd. 78 Shenton Way 09-01, Singapore 0207, Tel.: +65-221-3722, Fax.: +65-323-5376 Ltd., OKI Semiconductor (Asia) Pte. Ltd. Taipei Branch, 7th Fl. No.260, Tun Hwa North Road, Taipei, Taiwan, R.O.C., Sumitomo-Flysun Building, Tel.: +886-2-2719-2561, Fax.: +886-2-2715-2892 http://www.oki.net.tw/
For further information, please contact:
People To People Technology


▲Up To Search▲   

 
Price & Availability of MSM27C401CZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X